Part Number Hot Search : 
EL2075 1N3036 6VAQ8F CDRH3D28 HD7420P SLCB43A 1N3050C SKL32ASG
Product Description
Full Text Search
 

To Download HMC608 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC608
v01.0707
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
3
LINEAR & POIWER AMPLIFIERS - CHIP
Typical Applications
The HMC608 is ideal for: * Point-to-Point Radios * Point-to-Multi-Point Radios * Military End-Use
Features
Output IP3: +33 dBm Saturated Power: +27.5 dBm @ 23% PAE Gain: 32 dB Supply: +5V @ 310 mA 50 Ohm Matched Input/Output 2.1 x 1.2 x 0.1 mm Die Size
Functional Diagram
General Description
The HMC608 is a high dynamic range GaAs PHEMT MMIC Medium Power Amplifier chip. The amplifier has two modes of operation: high gain mode (Vpd pin shorted to ground); and low gain mode (Vpd pin left open). The electrical specifications in the table below are shown for the amplifier operating in high gain mode. Operating from 9.5 to 11.5 GHz, the amplifier provides 32 dB of gain, +27.5 dBm of saturated power and 23% PAE from a +5.0 V supply voltage. Noise figure is 5.5 dB while output IP3 is +33 dBm. The RF I/Os are DC blocked and matched to 50 Ohms for ease of use.
Electrical Specifications, TA = +25 C, Vdd1, 2, 3 = 5V, Idd = 310 mA [1] , Vpd = GND[2]
Parameter Frequency Range Gain [3] Gain Variation Over Temperature Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Noise Figure Supply Current (Idd = Idd1 +Idd2 +Idd3)(Vdd = +5V, Vgg = -2.6V Typ.) [3] [1] Adjust Vgg between -3 to 0V to achieve Idd = 310 mA typical. [2] Vpd= ground for high gain mode, Vpd = open for low gain mode. [3] In low gain mode, typical gain is 22 dB and typical current is 67 mA. 23 28 Min. Typ. 9.5 - 11.5 32 0.02 12 20 27 27.5 33 5.5 310 350 0.03 Max. Units GHz dB dB/ C dB dB dBm dBm dBm dB mA
3 - 104
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC608
v01.0707
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
Broadband Gain & Return Loss
35 30 25 20 15 10 5 0 -5 -10 -15 -20 -25 -30 7 8 9 10
Gain vs. Temperature
38 36 34 32 GAIN (dB)
3
LINEAR & POWER AMPLIFIERS - CHIP
3 - 105
RESPONSE (dB)
S21 S11 S22
30 28 26 24 22 20 18
+25C +85C -55C
11
12
13
14
9
9.5
10
10.5
11
11.5
FREQUENCY (GHz)
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0 -5 RETURN LOSS (dB)
Output Return Loss vs. Temperature
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 -35
+25C +85C -55C
-10 -15 -20 -25 -30 9 9.5 10 10.5 11 11.5 FREQUENCY (GHz)
+25C +85C -55C
9
9.5
10
10.5
11
11.5
FREQUENCY (GHz)
P1dB vs. Temperature
35 30 25 P1dB (dBm) 20 15 10 5 0 9 9.5 10 10.5 11 11.5 FREQUENCY (GHz)
Psat vs. Temperature
35 30 25 Psat (dBm) 20 15 10 5 0 9 9.5 10 10.5 11 11.5 FREQUENCY (GHz)
+25C +85C -40C
+25C +85C -40C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC608
v01.0707
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
3
LINEAR & POIWER AMPLIFIERS - CHIP
Output IP3 vs. Temperature
40 35
Noise Figure vs. Temperature
10 9 8 NOISE FIGURE (dB)
30 OIP3 (dBm) 25 20 15 10 5 0 9 9.5 10 10.5 11 11.5 FREQUENCY (GHz)
+25C +85C -40C
7 6 5 4 3 2 1 0 9 9.5 10 10.5 11 11.5 FREQUENCY (GHz)
+25C +85C -55C
Gain, Power & OIP3 vs. Supply Voltage @ 10.3 GHz
GAIN (dB), P1dB(dBm), Psat (dBm), OIP3(dBm) 35 34 33
Reverse Isolation vs. Temperature
0 -10 ISOLATION (dB) -20 -30 -40 -50 -60
32 31 30 29 28 27 26 25 4.5
Gain P1dB Psat OIP3
+25C +85C -55C
-70 5 Vdd Supply Voltage (V) 5.5 9 9.5 10 10.5 11 11.5 FREQUENCY (GHz)
Power Compression @ 10.3 GHz
35 Pout (dBm), GAIN (dB), PAE (%) 30 25 20 15 10 5 0 -20
Power Dissipation
4 3.5 3 2.5 2 1.5 1 -30
9 GHz 9.5 GHz 10 GHz 10.5 GHz 11.0 GHz 11.5 GHz
Pout Gain PAE
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
POWER DISSIPATION (W)
-25
-20
-15
-10
-5
0
Pin (dBm)
INPUT POWER (dBm)
3 - 106
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC608
v01.0707
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
Low Gain Mode, Broadband Gain & Return Loss
25 20 15 RESPONSE (dBm) 10 5 0 -5 -10 -15 -20 -25 -30 -35 7 8 9 10 11 12 13 14 FREQUENCY (GHz)
S21 S11 S22
Low Gain Mode, Gain vs. Temperature
28 26 24 22 GAIN (dB) 20 18 16 14 12 10 8 9 9.5 10 10.5 11 11.5 FREQUENCY (GHz)
+25C +85C -55C
3
LINEAR & POWER AMPLIFIERS - CHIP
3 - 107
Low Gain Mode, Input Return Loss vs. Temperature
0 -5 RETURN LOSS (dB)
Low Gain Mode, Output Return Loss vs. Temperature
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 -35
+25C +85C -55C
-10 -15 -20 -25 -30 9 9.5 10 10.5 11 11.5 FREQUENCY (GHz)
+25C +85C -55C
9
9.5
10
10.5
11
11.5
FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC608
v01.0707
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
Typical Supply Current vs. Vdd
Vdd (Vdc) +4.5 +5.0 +5.5 Idd (mA) 300 310 325
3
LINEAR & POIWER AMPLIFIERS - CHIP
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2, Vdd3) Gate Bias Voltage (Vgg) RF Input Power (RFin)(Vdd = +5.0 Vdc) Channel Temperature Continuous Pdiss (T= 85 C) (derate 25.89 mW/C above 85 C) Thermal Resistance (channel to die bottom) Storage Temperature Operating Temperature 7 Vdc -4.0 to -1.0 Vdc +10 dBm 175 C 2.33W 38.6 C/W -65 to +150 C -55 to +85 C
Note: Amplifier will operate over full voltage ranges shown above. Vgg adjusted to achieve Idd= 310 mA at +5.0V.
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
Die Packaging Information [1]
Standard GP-2 Alternate [2]
[1] Refer to the "Packaging Information" section for die packaging dimensions. [2] For alternate packaging information contact Hittite Microwave Corporation.
NOTES: 1. ALL DIMENSIONS IN INCHES [MILLIMETERS] 2. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS 3. DIE THICKNESS IS 0.004 (0.100) 4. TYPICAL BOND PAD IS 0.004 (0.100) SQUARE 5. BACKSIDE METALLIZATION: GOLD 6. BACKSIDE METAL IS GROUND 7. BOND PAD METALIZATION: GOLD
3 - 108
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC608
v01.0707
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
Pad Descriptions
Pad Number 1 2, 8 and Die Bottom Function RFIN Description This pad is AC coupled and matched to 50 Ohms. Interface Schematic
3
Die Bottom must be connected to RF/DC ground.
GND
3
Vgg
Gate control for amplifier. Adjust to achieve Id of 310mA. Please follow "MMIC Amplifier Biasing Procedure" Application Note. External bypass capacitors of 100 pF, 1000 pF and 2.2 F are required.
4
Vpd
High gain (connect to ground) / low gain mode pin control (open circuit). External bypass capacitors of 100 pF, 1000 pF and 2.2 F are required.
5, 6, 7
Vdd1, Vdd2, Vdd3
Power Supply Voltage for the amplifier. External bypass capacitors of 100 pF and 0.1 F are required.
9
RFOUT
This pad is AC coupled and matched to 50 Ohms.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
3 - 109
LINEAR & POWER AMPLIFIERS - CHIP
HMC608
v01.0707
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
3
LINEAR & POIWER AMPLIFIERS - CHIP
Assembly Diagram
3 - 110
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC608
v01.0707
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrates should be brought as close to the die as possible in order to minimize bond wire length. Typical die-to-substrate spacing is 0.076mm (3 mils).
3
Wire Bond
0.076mm (0.003")
RF Ground Plane
Handling Precautions
Follow these precautions to avoid permanent damage. Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
0.127mm (0.005") Thick Alumina Thin Film Substrate Figure 1.
0.102mm (0.004") Thick GaAs MMIC
Wire Bond 0.076mm (0.003")
RF Ground Plane
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat.
0.150mm (0.005") Thick Moly Tab 0.254mm (0.010") Thick Alumina Thin Film Substrate Figure 2.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 C and a tool temperature of 265 C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 C. DO NOT expose the chip to a temperature greater than 320 C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire is recommended. Thermosonic wirebonding with a nominal stage temperature of 150 C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
3 - 111
LINEAR & POWER AMPLIFIERS - CHIP
0.102mm (0.004") Thick GaAs MMIC


▲Up To Search▲   

 
Price & Availability of HMC608

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X